PART |
Description |
Maker |
STX83003 9087 |
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
2SC3361 |
Fast switching speed. High breakdown voltage.Collector-base voltage VCBO 60 V
|
TY Semiconductor Co., Ltd
|
SBP13005-O |
High Voltage Fast Switching NPN
|
SemiWell Semiconductor
|
FJD5553 |
High Voltage Fast Switching Transistor
|
Fairchild Semiconductor
|
2SC5172 E001056 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba Semiconductor
|
1N4944GP 1N4946GP 1N4947GPE 1N4944GPE/4G 1N4942GP |
1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN Diodes Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay Beyschlag
|
ST13003N |
High voltage fast-switching NPN power transistor
|
STMicroelectronics
|
BULT11808 |
High voltage fast-switching NPN power transistor
|
STMicroelectronics
|
3DD209L 3DD209L-O-AB-N-B 3DD209L-O-AN-N-B |
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
JILIN SINO-MICROELECTRONICS CO., LTD.
|
STX13003 |
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
ST Microelectronics
|
BUF410A |
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
ST Microelectronics
|